|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) DESCRIPTION The MITSUBISHI M6MGB/T166S2BWG is a Stacked Chip Scale Package (S-CSP) that contents 16M-bits flash memory and 2M-bits Static RAM in a 72-pin S-CSP. 16M-bits Flash memory is a 1,048,576 words, 3.3V-only, and high performance non-volatile memory fabricated by CMOS technology for the peripheral circuit and DINOR(DIvided bit-line NOR) architecture for the memory cell. 2M-bits SRAM is a 131,072words unsynchronous SRAM fabricated by silicon-gate CMOS technology. M6MGB/T166S2BWG is suitable for the application of the mobile-communication-system to reduce both the mount space and weight . FEATURES * Access time Flash Memory 90ns (Max.) SRAM 85ns (Max.) * Supply voltage Vcc=2.7 ~ 3.6V * Ambient temperature W version Ta=-20 ~ 85C * Package : 72-pin S-CSP , 0.8mm ball pitch APPLICATION Mobile communication products PIN CONFIGURATION (TOP VIEW) INDEX H NC NC DU A5 A4 A0 F-CE# F-A18 S-LB# F-WP# GND F-WE# FRY/BY# G F E D C B A NC 1 NC 2 A16 A8 A10 A9 DQ15 DU 3 A11 4 A15 5 A14 6 A13 7 A12 8 F-GND F-A17 S-UB# DU F-A19 F-RP# A7 A6 A3 A2 A1 SCE1# S-OE# DU DU DQ12 SCE2 S-VCC DU DU DQ13 F-VCC S-VCC F-GND GND A0-A16 DU DQ11 11.0 mm DQ9 DU DQ8 DQ10 :Vcc for Flash :Vcc for SRAM :GND for Flash :Flash/SRAM common GND :Flash/SRAM common Address :Address for Flash F-A17-F-A19 :Flash/SRAM DQ0-DQ15 common Data I/O F-CE# S-CE1# S-CE2 F-OE# S-OE# F-WE# S-WE# F-WP# F-RP# F-RY/BY# S-LB# S-UB# :Flash Chip Enable :SRAM Chip Enable :SRAM Chip Enable :Flash Output Enable :SRAM Output Enable :Flash Write Enable :SRAM Write Enable :Flash Write Protect :Flash Reset Power Down :Flash Ready /Busy :SRAM Lower Byte :SRAM Upper Byte F-GND DQ6 DQ4 S-WE# F-OE# DQ0 DQ2 DQ1 DQ3 DQ14 9 DU NC NC F-VCC DQ5 DQ7 DU 10 NC 11 NC 12 8.0 mm NC:Non Connection DU:Don't Use (Note: Should be open) 1 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) BLOCK DIAGRAM 16Mb Flash Memory F-A19 F-A18 F-A17 A16 A15 A14 A13 A12 A11 ADDRESS A10 INPUTS A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 F-CE# F-OE# F-WE# F-WP# F-RP# 128 WORD PAGE BUFFER Main Block 32KW F-VCC(3.3V) 28 Bank(II) F-GND/GND (0V) Main Block Parameter Block7 Parameter Block6 Parameter Block5 Parameter Block4 Parameter Block3 Parameter Block2 Parameter Block1 Boot Block X-DECODER Bank(I) 32KW 16KW 16KW 16KW 16KW 16KW 16KW 16KW 16KW Y-DECODER Y-GATE / SENSE AMP. STATUS / ID REGISTER MULTIPLEXER CHIP ENABLE INPUT OUTPUT ENABLE INPUT WRITE ENABLE INPUT WRITE PROTECT INPUT RESET/POWER DOWN INPUT CUI WSM INPUT/OUTPUT BUFFERS READY/BUSY OUTPUT F-RY/BY# DQ15DQ14DQ13DQ12 DQ3DQ2DQ1DQ0 2Mb SRAM ADDRESS INPUT BUFFER SENSE AMP. A0 A1 DATA INPUTS/OUTPUTS ROW DECODER 131072 WORD x 16 BITS OUTPUT BUFFER DQ 0 DQ 7 SENSE AMP. A15 A16 OUTPUT BUFFER DQ 8 S-CE1# S-CE2 S-LB# S-UB# S-WE# S-OE# DQ15 DATAINPUT BUFFER CLOCK GENERATOR S-VCC DATAINPUT BUFFER GND 2 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) 1. Flash Memory DESCRIPTION The Flash Memory of M6MGB/T166S2BWG is 3.3V-only high speed 16,777,216-bit CMOS boot block Flash Memories with alternating BGO (Back Ground Operation) feature. The BGO feature of the device allows Program or Erase operations to be performed in one bank while the device simultaneously allows Read operations to be performed on the other bank. This BGO feature is suitable for mobile and personal computing, and communication products. The Flash Memory of M6MGB/T166S2BWG is fabricated by CMOS technology for the peripheral circuits and DINOR(Divided bit line NOR) architecture for the memory cells. FEATURES Organization .................................1048,576 word x 16bit Boot Block M6MGB166S2BWG ........................ Bottom Boot M6MGT166S2BWG ........................ Top Boot Other Functions Soft Ware Command Control Selective Block Lock Erase Suspend/Resume Program Suspend/Resume Status Register Read Alternating Back Ground Program/Erase Operation Between Bank(I) and Bank(II) ............................. VCC = 2.7~3.6V Supply voltage ................................ Access time .............................. 90ns (Max.) Power Dissipation ................................. 54 mW (Max. at 5MHz) Read (After Automatic Power saving) .......... 0.33W (typ.) Program/Erase .................................126 mW (Max.) ................................. 0.33W (typ.) Standby Deep power down mode ....................... 0.33W (typ.) Auto program for Bank(I) ................................. 4ms (typ.) Program Time Program Unit .........................1word (Byte Program) (Page Program) ......................... 128word Auto program for Bank(II) ................................. 4ms (typ.) Program Time ................................. 128word Program Unit Auto Erase ................................. 40 ms (typ.) Erase time Erase Unit Bank(I) Boot Block ..................... 16Kword x 1 .............. Parameter Block 16Kword x 7 ...................... 32Kword x 28 Bank(II) Main Block Program/Erase cycles ......................................... 100Kcycles 3 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) FUNCTION The Flash Memory of M6MGB/T166S2BWG includes on-chip program/erase control circuitry. The Write State Machine (WSM) controls block erase and byte/page program operations. Operational modes are selected by the commands written to the Command User Interface (CUI). The Status Register indicates the status of the WSM and when the WSM successfully completes the desired program or block erase operation. A Deep Powerdown mode is enabled when the F-RP# pin is at GND, minimizing power consumption. Read The Flash Memory of M6MGB/T166S2BWG has three read modes, which accesses to the memory array, the Device Identifier and the Status Register. The appropriate read command are required to be written to the CUI. Upon initial device powerup or after exit from deep powerdown, the Flash Memory automatically resets to read array mode. In the read array mode, low level input to F-CE# and F-OE#, high level input to F-WE# and F-RP#, and address signals to the address inputs (F-A19-F-A17,A16-A0) output the data of the addressed location to the data input/output ( D15-D0). Write Writes to the CUI enables reading of memory array data, device identifiers and reading and clearing of the Status Register. They also enable block erase and program. The CUI is written by bringing F-WE# to low level, while F-CE# is at low level and F-OE# is at high level. Address and data are latched on the earlier rising edge of F-WE# and F-CE#. Standard micro-processor write timings are used. Alternating Background Operation (BGO) The Flash Memory of M6MGB/T166S2BWG allows to read array from one bank while the other bank operates in software command write cycling or the erasing / programming operation in the background. Read array operation with the other bank in BGO is performed by changing the bank address without any additional command. When the bank address points the bank in software command write cycling or the erasing / programming operation, the data is read out from the status register. The access time with BGO is the same as the normal read operation. Output Disable When F-OE# is at VIH, output from the devices is disabled. Data input/output are in a high-impedance(High-Z) state. Standby When F-CE# is at VIH, the device is in the standby mode and its power consumption is reduced. Data input/output are in a high-impedance(High-Z) state. If the memory is deselected during block erase or program, the internal control circuits remain active and the device consume normal active power until the operation completes. Deep Power-Down When F-RP# is at VIL, the device is in the deep powerdown mode and its power consumption is substantially low. During read modes, the memory is deselected and the data input/output are in a high-impedance(High-Z) state. After return from powerdown, the CUI is reset to Read Array , and the Status Register is cleared to value 80H. During block erase or program modes, F-RP# low will abort either operation. Memory array data of the block being altered become invalid. Automatic Power-Saving (APS) The Automatic Power-Saving minimizes the power consumption during read mode. The device automatically turns to this mode when any addresses or F-CE# isn't changed more than 200ns after the last alternation. The power consumption becomes the same as the stand-by mode. While in this mode, the output data is latched and can be read out. New data is read out correctly when addresses are changed. 4 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) SOFTWARE COMMAND DEFINITIONS The device operations are selected by writing specific software command into the Command User Interface. Read Array Command (FFH) The device is in Read Array mode on initial device power up and after exit from deep powerdown, or by writing FFH to the Command User Interface. After starting the internal operation the device is set to the read status register mode automatically. Read Device Identifier Command (90H) It can normally read device identifier codes when Read Device Identifier Code Command(90H) is written to the command latch. Following the command write, the manufacturer code and the device code can be read from address 00000H and 00001H, respectively. Read Status Register Command (70H) The Status Register is read after writing the Read Status Register command of 70H to the Command User Interface. Also, after starting the internal operation the device is set to the Read Status Register mode automatically. The contents of Status Register are latched on the later falling edge of F-OE# or F-CE#. So F-CE# or F-OE# must be toggled every status read. Clear Status Register Command (50H) The Erase Status, Program Status and Block Status bits are set to "1"s by the Write State Machine and can only be reset by the Clear Status Register command of 50H. These bits indicates various failure conditions. C)Single Data Load to Page Buffer (74H) / Page Buffer to Flash (0EH/D0H) Single data load to the page buffer is performed by writing 74H followed by a second write specifying the column address and data. Distinct data up to 128word can be loaded to the page buffer by this two-command sequence. On the other hand, all of the loaded data to the page buffer is programed simultaneously by writing Page Buffer to Flash command of 0EH followed by the confirm command of D0H. After completion of programing the data on the page buffer is cleared automatically. This command is valid for only Bank(I) alike Word/Byte Program. Clear Page Buffer Command (55H) Loaded data to the page buffer is cleared by writing the Clear Page Buffer command of 55H followed by the Confirm command of D0H. This command is valid for clearing data loaded by Single Data Load to Page Buffer command. Suspend/Resume Command (B0H/D0H) Writing the Suspend command of B0H during block erase operation interrupts the block erase operation and allows read out from another block of memory. Writing the Suspend command of B0H during program operation interrupts the program operation and allows read out from another block of memory. The Bank address is required when writing the Suspend/Resume Command. The device continues to output Status Register data when read, after the Suspend command is written to it. Polling the WSM Status and Suspend Status bits will determine when the erase operation or program operation has been suspended. At this point, writing of the Read Array command to the CUI enables reading data from blocks other than that which is suspended. When the Resume command of D0H is written to the CUI, the WSM will continue with the erase or program processes. DATA PROTECTION Block Erase / Confirm Command (20H/D0H) Automated block erase is initiated by writing the Block Erase command of 20H followed by the Confirm command of D0H. An address within the block to be erased is required. The WSM executes iterative erase pulse application and erase verify operation. Program Commands A)Word Program (40H) Word program is executed by a two-command sequence. The Word Program Setup command of 40H is written to the Command Interface, followed by a second write specifying the address and data to be written. The WSM controls the program pulse application and verify operation. The Word Program Command is Valid for only Bank(I). B)Page Program for Data Blocks (41H) Page Program for Bank(I) and Bank(II) allows fast programming of 128words of data. Writing of 41H initiates the page program operation for the Data area. From 2nd cycle to 129th cycle, write data must be serially inputted. Address A6-A0 have to be incremented from 00H to 7FH. After completion of data loading, the WSM controls the program pulse application and verify operation. The Flash Memory of M6MGB/T166S2BWG provides selectable block locking of memory blocks. Each block has an associated nonvolatile lock-bit which determines the lock status of the block. In addition, the Flash Memory has a master Write Protect pin (F-WP#) which prevents any modifications to memory blocks whose lock-bits are set to "0", when F-WP# is low. When F-WP# is high, all blocks can be programmed or erased regardless of the state of the lock-bits, and the lock-bits are cleared to "1" by erase. See the BLOCK LOCKING table on P.9 for details. Power Supply Voltage When the power supply voltage (F-VCC) is less than VLKO, Low VCC Lock-Out voltage, the device is set to the Read-only mode. Regarding DC electrical characteristics of VLKO, see P.10. A delay time of 2s is required before any device operation is initiated. The delay time is measured from the time F-Vcc reaches F-Vccmin (2.7V). During power up, F-RP#=GND is recommended. Falling in Busy status is not recommended for possibility of damaging the device. MEMORY ORGANIZATION The Flash Memory of M6MGB/T166S2BWG has one 16Kword boot block, seven 16Kword parameter blocks, for Bank(I) and twenty-eight 32Kword main blocks for Bank(II). A block is erased independently of other blocks in the array. 5 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) MEMORY ORGANIZATION F8000H-FFFFFH F0000H-F7FFFH E8000H-EFFFFH E0000H-E7FFFH D8000H-DFFFFH D0000H-D7FFFH C8000H-CFFFFH C0000H-C7FFFH B8000H-BFFFFH B0000H-B7FFFH A8000H-AFFFFH A0000H-A7FFFH 98000H-9FFFFH 90000H-97FFFH 88000H-8FFFFH 80000H-87FFFH 78000H-7FFFFH 70000H-77FFFH 68000H-6FFFFH 60000H-67FFFH 58000H-5FFFFH 50000H-57FFFH 48000H-4FFFFH 40000H-47FFFH 38000H-3FFFFH 30000H-37FFFH 28000H-2FFFFH 20000H-27FFFH 1C000H-1FFFFH 18000H-1BFFFH 14000H-17FFFH 10000H-13FFFH 0C000H-0FFFFH 08000H-0BFFFH 04000H-07FFFH 00000H-03FFFH F-A19-F-A17,A16-A0 32Kword MAIN BLOCK 35 32Kword MAIN BLOCK 34 32Kword MAIN BLOCK 33 32Kword MAIN BLOCK 32 32Kword MAIN BLOCK 31 32Kword MAIN BLOCK 30 32Kword MAIN BLOCK 29 32Kword MAIN BLOCK 28 32Kword MAIN BLOCK 27 32Kword MAIN BLOCK 26 32Kword MAIN BLOCK 25 32Kword MAIN BLOCK 24 32Kword MAIN BLOCK 23 BANK(II) BANK(I) 32Kword MAIN BLOCK 22 32Kword MAIN BLOCK 21 32Kword MAIN BLOCK 20 32Kword MAIN BLOCK 19 32Kword MAIN BLOCK 18 32Kword MAIN BLOCK 17 32Kword MAIN BLOCK 16 32Kword MAIN BLOCK 15 32Kword MAIN BLOCK 14 32Kword MAIN BLOCK 13 32Kword MAIN BLOCK 12 32Kword MAIN BLOCK 11 32Kword MAIN BLOCK 10 32Kword MAIN BLOCK 9 32Kword MAIN BLOCK 8 16Kword PARAMETER BLOCK 7 16Kword PARAMETER BLOCK 6 16Kword PARAMETER BLOCK 5 16Kword PARAMETER BLOCK 4 16Kword PARAMETER BLOCK 3 16Kword PARAMETER BLOCK 2 16Kword PARAMETER BLOCK 1 FC000H-FFFFFH 16Kword BOOT BLOCK 35 F8000H-FBFFFH 16Kword PARAMETER BLOCK 34 F4000H-F7FFFH 16Kword PARAMETER BLOCK 33 BANK(I) F0000H-F3FFFH 16Kword PARAMETER BLOCK 32 EC000H-EFFFFH 16Kword PARAMETER BLOCK 31 E8000H-EBFFFH 16Kword PARAMETER BLOCK 30 E4000H-E7FFFH 16Kword PARAMETER BLOCK 29 E0000H-E3FFFH 16Kword PARAMETER BLOCK 28 D8000H-DFFFFH D0000H-D7FFFH C8000H-CFFFFH C0000H-C7FFFH B8000H-BFFFFH B0000H-B7FFFH A8000H-AFFFFH A0000H-A7FFFH 98000H-9FFFFH 90000H-97FFFH 88000H-8FFFFH 80000H-87FFFH 78000H-7FFFFH 70000H-77FFFH 68000H-6FFFFH 60000H-67FFFH 58000H-5FFFFH 50000H-57FFFH 48000H-4FFFFH 40000H-47FFFH 38000H-3FFFFH 30000H-37FFFH 28000H-2FFFFH 20000H-27FFFH 18000H-1FFFFH 10000H-17FFFH 08000H-0FFFFH 00000H-07FFFH F-A19-F-A17,A16-A0 32Kword MAIN BLOCK 27 32Kword MAIN BLOCK 26 32Kword MAIN BLOCK 25 32Kword MAIN BLOCK 24 32Kword MAIN BLOCK 23 32Kword MAIN BLOCK 22 32Kword MAIN BLOCK 21 32Kword MAIN BLOCK 20 32Kword MAIN BLOCK 19 32Kword MAIN BLOCK 18 32Kword MAIN BLOCK 17 32Kword MAIN BLOCK 16 BANK(II) 32Kword MAIN BLOCK 15 32Kword MAIN BLOCK 14 32Kword MAIN BLOCK 13 32Kword MAIN BLOCK 12 32Kword MAIN BLOCK 11 32Kword MAIN BLOCK 10 32Kword MAIN BLOCK 9 32Kword MAIN BLOCK 8 32Kword MAIN BLOCK 7 32Kword MAIN BLOCK 6 32Kword MAIN BLOCK 5 32Kword MAIN BLOCK 4 32Kword MAIN BLOCK 3 32Kword MAIN BLOCK 2 32Kword MAIN BLOCK 1 32Kword MAIN BLOCK 0 16Kword BOOT BLOCK 0 Flash Memory of M6MGB166S2BWG Memory Map Flash Memory of M6MGT166S2BWG Memory Map 6 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) BUS OPERATIONS Bus Operations for Word-Wide Mode Pins Mode Read F-CE# VIL VIL VIL VIL VIL VIH VIL VIL VIL X F-OE# VIL VIL VIL VIL VIH X 2) VIH VIH VIH X F-WE# VIH VIH VIH VIH VIH X VIL VIL VIL X F-RP# VIH VIH VIH VIH VIH VIH VIH VIH VIH VIL DQ0-15 Data out Status Register Data Lock Bit Data (DQ6) Identifier Code Hi-Z Hi-Z Command/Data in Command Command Hi-Z F-RY/BY# VOH (Hi-Z) X 1) X VOH (Hi-Z) X X X X X VOH (Hi-Z) Array Status Register Lock Bit Status Identifier Code Output disable Stand by Program Write Erase Others Deep Power Down 1) X at F-RY/BY# is VOL or VOH(Hi-Z). *The F-RY/BY# is an open drain output pin and indicates status of the internal WSM. When low,it indicates that the WSM is Busy performing an operation. A pull-up resistor of 10K-100K Ohms is required to allow the F-RY/BY# signal to transition high indicating a Ready WSM condition. 2) X can be VIH or VIL for control pins. 7 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) SOFTWARE COMMAND DEFINITION Command List 1st bus cycle Command Mode Read Array Device Identifier Read Status Register Clear Status Register Clear Page Buffer Word Program 5) Page Program 7) Single Data Load to Page Buffer 5) Page Buffer to Flash 5) Block Erase / Confirm Suspend Resume Read Lock Bit Status Lock Bit Program / Confirm Erase All Unlocked Blocks Write Write Write Write Write Write Write Write Write Write Write Write Write Write Write Address X X Bank3) X X Bank(I) 5) Bank Bank(I) 5) Bank(I) 5) Bank Bank Bank X Bank X Data (DQ15-0) 2nd bus cycle Mode Address IA 2) Bank X WA 6) WA0 7) WA WA 8) BA 9) Data (DQ15-0) 3rd ~129th bus cycles (Word Mode) Mode Address Data (DQ15-0) FFH 90H 70H 50H 55H 40H 41H 74H 0EH 20H B0H D0H 71H 77H A7H Read Read Write Write Write Write Write Write ID 2) SRD4) D0H 1) WD 6) WD0 7) WD D0H 1) D0H 1) Write WAn 7) WDn 7) Read Write Write BA BA X DQ6 10) D0H 1) D0H 1) 1) In the word-wide version, upper byte data (DQ8-DQ15) is ignored. 2) IA=ID Code Address : A0=VIL (Manufacturer's Code) : A0=VIH (Device Code), ID=ID Code 3) Bank = Bank Address (Bank(I) or Bank(II)) : F-A19-F-A17. 4) SRD = Status Register Data 5) Word Program, Single Data Load and Page Buffer to Flash Command is valid for only Bank(I). 6) WA = Write Address,WD = Write Data 7) WA0,WAn=Write Address, WD0,WDn=Write Data. Write Address and Write Data must be provided sequentially from 00H to 7FH for A6-A0. Page size is 128word (128word x 16bit). and also F-A19-F-A17,A16-A7(Block Address, Page Address) must be valid. 8) WA = Write Address : Upper page address, F-A19-F-A17,A16-A7(Block Address, Page Address) must be valid. 9) BA = Block Address : BA = Block Address : F-A19-F-A17,A16-A14(Bank1) F-A19-F-A17,A16-A15(Bank2) 10) DQ6 provides Block Lock Status, DQ6 = 1 : Block Unlock, DQ6 = 0 : Block Locked. 8 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) BLOCK LOCKING Lock Bit F-RP# F-WP# (Internally) VIL VIH X VIL VIH X 0 1 X Write Protection Provided BANK(I) BANK(II) Note Lock Bit Boot Parameter Data Locked Locked Locked Locked Deep Power Down Mode Locked Locked Locked Locked Locked Locked Unlocked Unlocked Unlocked Unlocked Unlocked Unlocked All Blocks Unlocked 1) DQ6 provides Lock Status of each block after writing the Read Lock Status command (71H). F-WP# pins must not be switched during performing Erase / Write operations or WSM Busy (WSMS = 0). 2) Erase/Write command for locked blocks is aborted. At this time read mode is not array read mode but status read mode and 00B0H is read. Please issue Clear Status Register command plus Read Array command to change the mode from status read mode to array read mode. STATUS REGISTER Symbol SR.7 SR.6 SR.5 SR.4 SR.3 SR.2 SR.1 SR.0 (DQ7) (DQ6) (DQ5) (DQ4) (DQ3) (DQ2) (DQ1) (DQ0) Status Write State Machine Status Suspend Status Erase Status Program Status Block Status after Program Reserved Reserved Reserved Definition "1" Ready Suspended Error Error Error "0" Busy Operation in Progress / Completed Successful Successful Successful - *The F-RY/BY# is an open drain output pin and indicates status of the internal WSM. When low,it indicates that the WSM is Busy performing an operation. A pull-up resistor of 10K-100K Ohms is required to allow the F-RY/BY# signal to transition high indicating a Ready WSM condition. *DQ3 indicates the block status after the page programming, word programming and page buffer to flash. When DQ3 is "1", the page has the over-programed cell . If over-program occurs, the device is block fail. However if DQ3 is "1", please try the block erase to the block. The block may revive. 9 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) DEVICE IDENTIFIER CODE Code Manufacturer Code Device Code (-T166S2BWG) Device Code (-B166S2BWG) The upper data(D15-8) is "0". Pins A0 VIL VIH VIH DQ7 0 1 1 DQ6 0 0 0 DQ5 0 1 1 DQ4 1 0 0 DQ3 1 0 0 DQ2 1 0 0 DQ1 0 0 0 DQ0 0 0 1 Hex. Data 1CH A0H A1H ABSOLUTE MAXIMUM RATINGS Symbol F-Vcc VI1 Ta Tbs Tstg I OUT Parameter Flash Vcc voltage All input or output voltage 1) Ambient temperature Temperature under bias Storage temperature Output short circuit current Conditions With respect to Ground Min -0.2 -0.6 -20 -50 -65 Max 4.6 4.6 85 95 125 100 Unit V V C C C mA 1) Minimum DC voltage is -0.5V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <20ns. Maximum DC voltage on input/output pins is F-VCC+0.5V which, during transitions, may overshoot to F-VCC+1.5V for periods <20ns. CAPACITANCE Symbol CIN COUT Parameter Input capacitance (Address, Control Pins) Output capacitance Test conditions Ta = 25C, f = 1MHz, Vin = Vout = 0V Min Limits Typ Max 8 12 Unit pF pF Note: The value of common pins to Flash Memory is the sum of Flash Memory and SRAM. DC ELECTRICAL CHARACTERISTICS (Ta = -20~ 85C, F-Vcc = 2.7V ~ 3.6V, unless otherwise noted) Symbol ILI ILO ISB1 ISB2 ISB3 ISB4 ICC1 ICC2 ICC3 ICC4 ICC5 VIL VIH VOL VOH1 VOH2 VLKO Parameter Input leakage current Output leakage current F-VCC standby current Test conditions 0VVINF-VCC 0VVOUTF-VCC F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = F-RP# =F-WP# = VIH Min Limits Typ1) 50 0.1 5 Max 2.0 11 200 5 15 5 15 4 15 35 35 200 0.8 (F-Vcc)+0.5 Unit A A A A A A mA mA mA mA A V V V V V V F-VCC = 3.6V, VIN=GND or F-VCC, F-CE# = F-RP# = F-WP# = F-VCC0.3V F-VCC = 3.6V, VIN=VIL/VIH, F-RP# = VIL F-VCC = 3.6V, VIN=GND or F-VCC, F-RP# =GND0.3V F-VCC deep powerdown current F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = VIL, F-VCC read current for Word or Byte F-RP#=F-OE#=VIH, IOUT = 0mA F-VCC Write current for Word or Byte F-VCC program current F-VCC erase current F-VCC suspend current Input low voltage Input high voltage Output low voltage Output high voltage Low VCC Lock-Out voltage 2) 5MHz 1MHz 0.1 8 2 F-VCC = 3.6V,VIN=VIL/VIH, F-CE# =F-WE#= VIL, F-RP#=F-OE#=VIH F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = F-RP# =F-WP# = VIH F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = F-RP# =F-WP# = VIH F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = F-RP# =F-WP# = VIH - 0.5 2.0 IOL = 4.0mA IOH = -2.0mA IOH = -100A 0.85(F-Vcc) (F-Vcc)-0.4 0.45 1.5 2.2 All currents are in RMS unless otherwise noted. 1) Typical values at F-Vcc=3.3V, Ta=25C 2) To protect against initiation of write cycle during F-Vcc power-up/ down, a write cycle is locked out for F-Vcc less than VLKO. If F-Vcc is less than VLKO, Write State Machine is reset to read mode. When the Write State Machine is in Busy state, if F-Vcc is less than VLKO, the alteration of memory contents may occur. 10 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC ELECTRICAL CHARACTERISTICS (Ta = -20 ~85C, F-Vcc = 2.7V ~3.6V) Read-Only Mode Limits Symbol Parameter Min 90 F-Vcc=2.7-3.6V 90ns Typ Max 90 90 30 0 25 0 25 150 0 150 Unit tRC ta (AD) ta (CE) ta (OE) tCLZ tDF(CE) tOLZ tDF(OE) tPHZ tOH tPS tAVAV tAVQV tELQV tGLQV tELQX tEHQZ tGLQX tGHQZ tPLQZ tOH tPHEL Read cycle time Address access time Chip enable access time Output enable access time Chip enable to output in low-Z Chip enable high to output in high Z Output enable to output in low-Z Output enable high to output in high Z F-RP# low to output high-Z Output hold from F-CE#, F-OE#, addresses F-RP# recovery to F-CE# low ns ns ns ns ns ns ns ns ns ns ns Timing measurements are made under AC waveforms for read operations. AC ELECTRICAL CHARACTERISTICS (Ta = -20 ~85C, F-Vcc = 2.7V ~3.6V) Write Mode (F-WE# control) Limits F-Vcc=2.7-3.6V Min 90 50 0 50 0 10 30 0 0 60 30 0 90 0 4 40 150 80 600 90 90ns Typ Max ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns Symbol Parameter Unit tWC tAS tAH tDS tDH tOEH tRE tCS tCH tWP tWPH tGHWL tBLS tBLH tDAP tDAE tWHRL tPS tAVAV tAVWH tWHAX tDVWH tWHDX tWHGL tELWL tWHEH tWLWH tWHWL tGHWL tPHHWH tQVPH tWHRH1 tWHRH2 tWHRL tPHWL Write cycle time Address set-up time Address hold time Data set-up time Data hold time F-OE# hold from F-WE# high Latency between Read and Write FFH or 71H Chip enable set-up time Chip enable hold time Write pulse width Write pulse width high F-OE# hold to F-WE# Low Block Lock set-up to write enable high Block Lockhold from valid SRD Duration of auto-program operation Duration of auto-block erase operation Write enable high to F-RY/BY# low F-RP# high recovery to write enable low Read timing parameters during command write operations mode are the same as during read-only operations mode. Typical values at F-Vcc=3.3V, Ta=25C 11 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC ELECTRICAL CHARACTERISTICS (Ta = -20 ~ 85C, F-Vcc = 2.7V ~ 3.6V) Write Mode (F-CE# control) Limits F-Vcc=2.7-3.6V 90ns Typ Max Symbol Parameter Min 90 50 0 50 0 10 30 0 0 60 30 90 90 0 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns tWC tAS tAH tDS tDH tOEH tRE tWS tWH tCEP tCEPH tGHEL tBLS tAVAV tAVWH tEHAX tDVWH tEHDX tEHGL tWLEL tEHWH tELEH tEHEL tGHEL tPHHEH tQVPH Write cycle time Address set-up time Address hold time Data set-up time Data hold time F-OE# hold from F-CE# high Latency between Read and Write FFH or 71H Write enable set-up time Write enable hold time F-CE# pulse width F-CE# pulse width high F-OE# hold to F-CE# Low Block Lock set-up to write enable high tBLH Block Lockhold from valid SRD tDAP tEHRH1 Duration of auto-program operation tDAE tEHRH2 Duration of auto-block erase operation tEHRL tEHRL F-CE# high to F-RY/BY# low tPS tPHWL F-RP# high recovery to write enable low 4 40 150 80 600 90 ms ms ns ns Read timing parameters during command write operation mode are the same as during read-only operation mode. Typical values at F-Vcc=3.3V, Ta=25C Erase and Program Performance Parameter Block Erase Time Main Block Write Time (Page Mode) Page Write Time Min Typ 40 1.0 4 Max 600 1.8 80 Unit ms sec ms Program Suspend Latency / Erase Suspend Time Parameter Program Suspend Latency Erase Suspend Time Please see page 20. Min Typ Max 15 15 Unit s s Vcc Power Up / Down Timing Symbol tVCS Please see page 13. During power up/down, by the noise pulses on control pins, the device has possibility of accidental erasure or programming. The device must be protected against initiation of write cycle for memory contents during power up/down. The delay time of min.2sec is always required before read operation or write operation is initiated from the time F-Vcc reaches F-Vccmin during power up/down. By holding F-RP# VIL, the contents of memory is protected during F-Vcc power up/down. During power up, F-RP# must be held VIL for min.2s from the time F-Vcc reaches F-Vccmin. During power down, F-RP# must be held VIL until Vcc reaches GND. F-RP# doesn't have latch mode ,therefore F-RP# must be held VIH during read operation or erase/program operation. Parameter F-RP# =VIH set-up time from Vccmin Min 2 Typ Max Unit s 12 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) Vcc POWER UP / DOWN TIMING Read /Write Inhibit Read /Write Inhibit Read /Write Inhibit F-VCC 3.3V GND tVCS VIH VIL F-RP# F-CE# VIH VIL tPS tPS F-WE# VIH VIL AC WAVEFORMS FOR READ OPERATION AND TEST CONDITIONS VIH ADDRESSES ADDRESS VALID TEST CONDITIONS FOR AC CHARACTERISTICS Input voltage : VIL = 0V, VIH = 3.0V Input rise and fall times : 5ns Reference voltage at timing measurement : 1.5V Output load : 1TTL gate + CL(30pF) or VIL F-CE# VIH VIL F-OE# VIH VIL F-WE# VIH VIL DATA VOH VOL F-RP# VIH VIL HIGH-Z tPS tCLZ tOEH tRE tRC ta (AD) ta (CE) tDF(CE) tDF(OE) ta (OE) tOLZ OUTPUT VALID tOH HIGH-Z 1.3V 1N914 3.3k DUT CL =30pF tPHZ AC WAVEFORMS FOR WRITE FFH or 71H AND READ OPERATION VIH ADDRESSES ADDRESS VALID VIL F-CE# VIH VIL F-OE# VIH VIL F-WE# VIH VIL DATA VOH HIGH-Z VOL tPS F-RP# VIH VIL FFH or 71H tRC ta (AD) ta (CE) tDF(CE) tRE ta (OE) tOLZ tCLZ tDF(OE) tOH HIGH-Z Valid OUTPUT VALID tPHZ In the case of application F-CE# is Low fixed, it is allowed to define a timming specification of tRE from rising edge of F-WE# to falling edge of F-OE#, and valid data is read after spec of tRE+ta(CE). (This is only for FFH,71H program and read) 13 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC WAVEFORMS FOR PAGE PROGRAM OPERATION (F-WE# control) F-A19~F-A17, VIH A16~A7 VIL VIH A6 ~A0 VIL tWC F-CE# F-OE# VIH VIL tCS VIH VIL F-WE# VIH VIL DATA VIH VIL F-RY/BY# F-RP# VOH VOL tPS VIH VIL VIH F-WP# VIL tBLS tBLH tWP 41H 00H VALID 01H~7EH 7FH The other bank address BANK ADDRESS VALID PROGRAM READ STATUS WRITE READ REGISTER ARRAY COMMAND VALID VALID ADDRESS VALID BANK ADDRESS VALID tAS tCH tWPH tAH ta(CE) ta(CE) ta(OE) tOEH tGHWL ta(OE) tOEH tDAP tDS DIN tDH DOUT DIN DIN SRD FFH tWHRL AC WAVEFORMS FOR PAGE PROGRAM OPERATION (F-CE# control) F-A19~F-A17, VIH A16~A7 VIL VIH A6 ~A0 VIL tWC F-CE# F-OE# VIH VIL VIH VIL F-WE# VIH VIL DATA VIH VIL F-RY/BY# VOH VOL tPS F-RP# VIH VIL VIH F-WP# VIL tBLS tBLH tDS 41H DIN The other bank address BANK ADDRESS VALID PROGRAM READ STATUS WRITE READ REGISTER ARRAY COMMAND VALID VALID ADDRESS VALID BANK ADDRESS VALID 00H VALID 01H~7EH 7FH tAS tCEPH tAH ta(CE) ta(OE) tOEH tGHEL tOEH tDAP ta(CE) ta(OE) tCEP tWS tWH tDH DOUT DIN DIN SRD FFH tEHRL 14 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC WAVEFORMS FOR WORD PROGRAM OPERATION (F-WE# control) (to only BANK(I)) PROGRAM BANK ADDRESS VALID VIH ADDR VIL F-CE# VIH VIL F-OE# VIH VIL F-WE# VIH VIL VIH DATA VIL VIH F-RY/BY# VIL VIH F-RP# VIL F-WP# VIH VIL READ STATUS REGISTER WRITE READ ARRAY COMMAND ADDRESS VALID BANK(I) ADDRESS VALID tWC tCS tAS tAH ta(CE) ta(OE) tOEH tCH tWP tWPH tDS 40H DIN SRD FFH tDH tWHRL tPS tDAP tBLS tBLH AC WAVEFORMS FOR WORD PROGRAM OPERATION (F-CE# control) PROGRAM BANK ADDRESS VALID (to only BANK(I)) WRITE READ ARRAY COMMAND VIH ADDR VIL F-CE# VIH VIL F-OE# VIH VIL F-WE# VIH VIL VIH DATA VIL VIH F-RY/BY# VIL VIH F-RP# VIL VIH VIL READ STATUS REGISTER ADDRESS VALID BANK(I) ADDRESS VALID tWC tAS tAH ta(CE) ta(OE) tCEP tWS tWH tDS 40H DIN tOEH SRD FFH tDH tEHRL tPS tDAP tBLS tBLH F-WP# 15 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC WAVEFORMS FOR ERASE OPERATIONS (F-WE# control) VIH ADDRESSES ERASE READ STATUS REGISTER WRITE READ ARRAY COMMAND VIL VIH F-CE# VIL tCS VIH F-OE# VIL VIH F-WE# VIL BANK ADDRESS VALID ADDRESS VALID BANK ADDRESS VALID tWC tAS tAH ta(CE) tCH tOEH tDAE tDH D0H ta(OE) tWPH tWP VIH DATA 20H tDS SRD FFH VIL VOH VOL tPS VIH VIL tBLS tWHRL F-RY/BY# F-RP# tBLH F-WP# VIH VIL AC WAVEFORMS FOR ERASE OPERATIONS (F-CE# control) ERASE ADDRESSES VIH VIL VIH READ STATUS REGISTER WRITE READ ARRAY COMMAND BANK ADDRESS VALID ADDRESS VALID BANK ADDRESS VALID tWC F-CE# VIL tCEP VIH F-OE# VIL tWS VIH F-WE# VIL VIH DATA 20H tAS tAH ta(CE) tCEPH tOEH ta(OE) tWH tDS D0H tDAE tDH SRD FFH VIL VOH VOL tPS tEHRL F-RY/BY# F-RP# VIH VIL tBLS tBLH F-WP# VIH VIL 16 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC WAVEFORMS FOR PAGE PROGRAM OPERATION WITH BGO (F-WE# control) Change Bank Address PROGRAM DATA TO ONE BANK F-A19~F-A17, VIH A16~A7 VIL VIH A6 ~A0 VIL F-CE# VIH VIL F-OE# VIH VIL F-WE# VIH VIL VIH DATA VIL VIH F-RY/BY# VIL ARRAY READ FROM THE OTHER BANK WITH BGO BANK ADDRESS VALID ADDRESS VALID VALID VALID 00H 01H~7EH ~~ ~~ 7FH VALID VALID tWC tCS tAS tCH tWP tWPH tAH ta(CE) ta(OE) tOEH tDS 41H DIN ~ ~ ~ ~ DIN ~~ ~~ DIN SRD DOUT DOUT tDH tWHRL AC WAVEFORMS FOR PAGE PROGRAM OPERATION WITH BGO (F-CE# control) Change Bank Address PROGRAM DATA TO ONE BANK F-A19~F-A17, VIH A16~A7 VIL VIH A6 ~A0 ARRAY READ FROM THE OTHER BANK WITH BGO BANK ADDRESS VALID ADDRESS VALID VALID VALID 00H 01H~7EH ~~ ~~ 7FH VALID VALID VIL VIH VIL tWC tAS tCEPH tAH ta(CE) ~~ ~~ F-CE# F-OE# VIH VIL ta(OE) tOEH tCEP tWS VIL VIH DATA VIL VIH F-RY/BY# VIL 41H DIN tDS ~ ~ ~ ~ DIN F-WE# VIH tCH DIN SRD DOUT DOUT tDH tEHRL 17 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC WAVEFORMS FOR WORD PROGRAM OPERATION WITH BGO (F-WE# control) Change Bank Address PROGRAM DATA TO BANK(I) BANK ADDRESS VALID F-A19~F-A17, VIH A16~A7 A6 ~A0 VIL F-CE# VIH VIL F-OE# VIH VIL F-WE# VIH VIL VIH DATA VIL VIH F-RY/BY# VIL VIL VIH READ STATUS REGISTER ARRAY READ FROM BANK(II) WITH BGO ADDRESS VALID VALID VALID VALID VALID VALID tWC tCS tAS tCH tWP tWPH tAH ta(CE) ta(OE) tOEH tDS 40H DIN SRD DOUT DOUT tDH tWHRL AC WAVEFORMS FOR WORD PROGRAM OPERATION WITH BGO (F-CE# control) PROGRAM DATA TO BANK(I) BANK ADDRESS VALID F-A19~F-A17, VIH A16~A7 VIL VIH A6 ~A0 READ STATUS REGISTER Change Bank Address ARRAY READ FROM BANK(II) WITH BGO ADDRESS VALID VALID VALID VALID VALID VALID VIL VIH VIL tWC tAS tCEPH ta(CE) ta(OE) tOEH F-CE# F-OE# VIH VIL tCEP tWS F-WE# VIH VIL VIH tCH tDS 40H DIN SRD DOUT DOUT DATA VIL VIH F-RY/BY# VIL tDH tEHRL 18 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC WAVEFORMS FOR BLOCK ERASE OPERATION WITH BGO (F-WE# control) Change Bank Address BLOCK ERASE IN ONE BANK BANK ADDRESS VALID VIH ADDRESSES VIL F-CE# VIH VIL F-OE# VIH VIL VIH F-WE# VIL VIH DATA VIL VIH F-RY/BY# VIL READ STATUS REGISTER ARRAY READ FROM THE OTHER BANK WITH BGO ADDRESS VALID VALID VALID tWC tCS tAS tCH tWP tWPH tOEH tAH ta(CE) ta(OE) tDS 20H D0H SRD DOUT DOUT tDH tWHRL AC WAVEFORMS FOR BLOCK ERASE OPERATION WITH BGO (F-CE# control) Change Bank Address BLOCK ERASE IN ONE BANK BANK ADDRESS VALID VIH ADDRESSES VIL VIH VIL F-OE# VIH VIL VIH F-WE# VIL VIH DATA VIL VIH F-RY/BY# VIL READ STATUS REGISTER READ DATA FROM THE OTHER BANK WITH BGO ADDRESS VALID VALID VALID tWC tAS tCEPH tAH ta(CE) ta(OE) F-CE# tCEP tWS tOEH tCH tDS 20H D0H SRD DOUT DOUT tDH tEHRL 19 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC WAVEFORMS FOR SUSPEND OPERATION (F-WE# control) VIH ADDRESSES READ STATUS REGISTER VIL VIH F-CE# VIL BANK ADDRESS VALID BANK ADDRESS VALID tAS tAH ta(CE) tCS VIH F-OE# VIL VIH F-WE# VIL tWP VIH DATA B0H tCH tOEH Program Suspend Latency ta(OE) S.R.6,7=1 VALID SRD VIL VOH VOL VIH VIL VIH tBLS tBLH F-RY/BY# F-RP# F-WP# VIL AC WAVEFORMS FOR SUSPEND OPERATION (F-CE# control) VIH ADDRESSES READ STATUS REGISTER VIL VIH F-CE# VIL VIH F-OE# VIL VIH F-WE# VIL VIH DATA BANK ADDRESS VALID BANK ADDRESS VALID tAS tCEP tAH ta(CE) ta(OE) tOEH Program Suspend Latency tWS tWH S.R.6,7=1 B0H VALID SRD VIL VOH VOL VIH VIL VIH tBLS tBLH F-RY/BY# F-RP# F-WP# VIL 20 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) FULL STATUS CHECK PROCEDURE STATUS REGISTER READ LOCK BIT PROGRAM FLOW CHART START SR.4 =1 and SR.5 =1 ? NO WRITE 77H YES COMMAND SEQUENCE ERROR WRITE D0H BLOCK ADDRESS SR.5 = 0 ? NO YES BLOCK ERASE ERROR SR.7 = 1 ? YES NO SR.4 = 0 ? NO YES PROGRAM ERROR (PAGE, LOCK BIT) SR.4 = 0 ? NO YES LOCK BIT PROGRAM FAILED SR.3 = 0 ? NO YES SUCCESSFUL (BLOCK ERASE, PROGRAM) PROGRAM ERROR (BLOCK) LOCK BIT PROGRAM SUCCESSFUL BYTE PROGRAM FLOW CHART START PAGE PROGRAM FLOW CHART START WRITE 40H WRITE 41H WRITE ADDRESS , DATA n=0 STATUS REGISTER READ WRITE ADDRESS n, DATA n n = n+1 SR.7 = 1 ? NO WRITE B0H ? NO n = FFH ? or n = 7FH ? YES NO YES YES STATUS REGISTER READ FULL STATUS CHECK IF DESIRED SUSPEND LOOP WRITE D0H YES SR.7 = 1 ? NO WRITE B0H ? NO PAGE PROGRAM COMPLETED * Word program is admitted to only BANK(I). YES YES FULL STATUS CHECK IF DESIRED SUSPEND LOOP WRITE D0H YES PAGE PROGRAM COMPLETED 21 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) CLEAR PAGE BUFFER START SUSPEND / RESUME FLOW CHART START WRITE B0H WRITE 55H STATUS REGISTER READ WRITE D0H SR.7 = 1? NO PAGE BUFFER CLEAR COMPLETED YES SUSPEND SR.6 =1? SINGLE DATA LOAD TO PAGE BUFFER YES START WRITE FFH NO PROGRAM / ERASE COMPLETED WRITE 74H READ ARRAY DATA WRITE ADDRESS , DATA DONE READING ? YES NO DONE LOADING? NO WRITE D0H RESUME YES SINGLE DATA LOAD TO PAGE BUFFER COMPLETED OPERATION RESUMED * The bank address is required when writing this command. Also, there is no need to suspend the erase or program operation when reading data from the other bank. Please use BGO function. PAGE BUFFER TO FLASH START BLOCK ERASE FLOW CHART START WRITE 20H WRITE 0EH WRITE D0H BLOCK ADDRESS WRITE D0H PAGE ADDRESS STATUS REGISTER READ STATUS REGISTER READ NO NO SR.7 = 1 ? WRITE B0H ? NO SR.7 = 1 ? WRITE B0H ? NO YES FULL STATUS CHECK IF DESIRED YES FULL STATUS CHECK IF DESIRED YES SUSPEND LOOP WRITE D0H YES SUSPEND LOOP WRITE D0H PAGE BUFFER TO FLASH COMPLETED YES BLOCK ERASE COMPLETED 22 Apr 1999 , Rev.1.6 23 Read/Standby State Read Status Register 90H 70H 70H 90H 71H 71H FFH FFH 70H 71H OPERATION STATUS and EFFECTIVE COMMAND Clear Status Register 50H Read Device Identifier 90H FFH Read Lock Status Read Array Setup State Clear Page Buffer Setup D0H 55H 74H WD 0EH 41H 40H 77H 20H A7H Single Data Load to Page Buffer Setup Page Buffer to Flash Setup Page Program Setup Byte Program Setup WD D0H Lock Bit Program Setup Block Erase Setup D0H Erase All Unlocked Blocks Setup OTHER OTHER D0H Internal State WDi i=0-127 OTHER OTHER D0H 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) Program & Verify Ready Erase & Verify Read Status Register D0H B0H B0H D0H Read Status Register M6MGB/T166S2BWG Suspend State Change Bank Address Read Status Register Change Bank Address FFH 70H 70H MITSUBISHI LSIs Apr 1999 , Rev.1.6 Read State with BGO Read Array (From The Other Bank) Read Array MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) 2. SRAM The SRAM of M6MGB/T166S2BWG is organized as 131,072-word by 16-bit. These devices operate on a single +2.7~3.6V powersupply, and are directly TTL compatible to both input and output. Its fully static circuit needs no clocks and no refresh, and makes it useful. The operation mode are determined by a combination of the device control inputs , S-LB#,S-UB#,S-CE1#,S-CE2, S-WE# and S-OE#. Each mode is summarized in the function table. A write operation is executed whenever the low level S-WE# overlaps with the low level S-LB# and/or S-UB# and the low level S-CE1#the high level S-CE2. The address A0~A16 must be set up before the write cycle and must be stable during the entire cycle. A read operation is executed by setting S-WE# at a high level and S-OE# at a low level while S-LB# and/or S-UB# and S-CE1# and S-CE2 are in an active state(S-CE1#=L,S-CE2=H). When setting S-LB# at the high level and other pins are in an active stage, upper-byte are in selectable mode in which both reading and writing are enabled, and lower-byte are in non-selectable mode. And when setting S-UB# at a high level and other pins are in an active stage, lower-byte are in a selectable mode and upper-byte are in a non-selectable mode. When setting S-LB# and S-UB# at a high level or S-CE1# at high level or S-CE2 at a low level, the chips are in a nonselectable mode in which both reading and writing are disabled. In this mode, the output stage is in a highimpedance state, allowing OR-tie with other chips and memory expansion by S-LB#,S-UB# and S-CE1#,S-CE2. The power supply current is reduced as low as 0.3A(25C,typical), and the memory data can be held at +2V powersupply, enabling battery back-up operation during power failure or power-down operation in the non-selected mode. FUNCTION TABLE S-CE1# S-CE2 H L H X L L L L L L L L L L L H X H H H H H H H H H S-LB# X X X H L L L H H H L L L S-UB# S-WE# S-OE# X X X X X H H H H L L L L L L X X X L H H L H H L H H X X X X L H X L H X L H Write Read Mode Non selection Non selection Non selection Non selection DQ0~7 DQ8~15 Icc Standby Standby Standby Standby Active Active Active Active Active Active Active Active Active High-Z High-Z High-Z High-Z Din Dout High-Z High-Z High-Z High-Z Din Dout High-Z High-Z High-Z High-Z High-Z High-Z High-Z High-Z Din Dout High-Z Din Dout High-Z Write Read Write Read 24 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) ABSOLUTE MAXIMUM RATINGS Symbol Parameter Supply voltage Input voltage Output voltage Power dissipation Operating temperature Storage temperature S-V cc VI VO Pd Ta Tstg Conditions With respect to GND With respect to GND With respect to GND Ta=25C W-version Ratings Units -0.5* ~ +4.6 -0.5* ~ S-Vcc + 0.5 0 ~ S-Vcc 700 - 20 ~ +85 - 65 ~ +150 V mW C C * -3.0V in case of AC (Pulse width< 30ns) = DC ELECTRICAL CHARACTERISTICS Symbol Parameter High-level input voltage Low-level input voltage High-level output voltage 1 IOH= -0.5mA High-level output voltage 2 IOH= -0.05mA Low-level output voltage IOL=2mA Input leakage current Output leakage current Active supply current ( AC,MOS level ) Conditions ( S-Vcc=2.7 ~ 3.6V, unless otherwise noted) Limits Min Typ Max S-Vcc+0.3V Units VIH VIL VOH1 VOH2 VOL II IO Icc1 2.0 -0.3 * 2.4 S-Vcc-0.5V 0.6 V 0.4 +/- 1 +/- 1 VI =0 ~ S-Vcc S-LB# and S-UB#=VIH or S-CE1#=VIH or S-CE2=VIH or S-OE#=VIH, VI/O=0 ~ S-Vcc S-LB# and S-UB# < 0.2V,S-CE1# < 0.2V, = = > > S-CE2 = S-Vcc-0.2V other inputs < 0.2V or = = S-Vcc-0.2V Output-open(duty 100%) S-LB# and S-UB#=VIL,S-CE1#=VIL, S-CE2=VIH other inputs=VIH or VIL Output-open(duty 100%) A f= 10MHz f= 1MHz f= 10MHz f= 1MHz +70 ~ +85 C +40 ~ +70 C +25 ~ +40 C - 20 ~ +25 C Active supply current Icc2 ( AC,TTL level ) - 45 5 45 5 1 0.3 - 60 15 60 15 30 10 5 2 0.5 mA Icc3 Stand by supply current ( AC,MOS level ) S-CE2 < 0.2V = Other inputs=0~S-Vcc -W A Icc4 Stand by supply current ( AC,TTL level ) S-LB# and S-UB#=VIH or S-CE1#=VIH or S-CE2=VIL Other inputs= 0 ~ S-Vcc mA Note 1: Direction for current flowing into IC is indicated as positive (no mark) Note 2: Typical value is for S-Vcc=3.0V and Ta=25C * -3.0V in case of AC (Pulse width< 30ns) = CAPACITANCE Symbol Parameter Input capacitance Output capacitance Conditions VI=GND, VI=25mVrms, f=1MHz VO=GND,VO=25mVrms, f=1MHz (S-Vcc=2.7 ~ 3.6V, unless otherwise noted) Limits Min Typ Max Units CI CO 8 10 pF Note: The value of common pins to SRAM is the sum of Flash Memory and SRAM. 25 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) AC ELECTRICAL CHARACTERISTICS (1) TEST CONDITIONS Supply voltage Input pulse Input rise time and fall time Reference level (S-Vcc=2.7 ~ 3.6V, unless otherwise noted) 2.7V~3.6V VIH=2.2V, VIL=0.4V 5ns VOH=VOL=1.5V Transition is measured + 500mV from steady state voltage.(for ten,tdis) 1TTL DQ CL Including scope and jig capacitance Output loads Fig.1,CL=30pF CL=5pF (for ten,tdis) Fig.1 Output load (2) READ CYCLE Limits Symbol tCR Parameter Read cycle time Address access time Chip select 1 access time Chip select 2 access time Lower Byte control access time Upper Byte control access time Output enable access time Output disable time after S-CE1# high Output disable time after S-CE2 low Output disable time after S-LB# high Output disable time after S-UB# high Output disable time after S-OE high Output enable time after S-CE1# low Output enable time after S-CE2 high Output enable time after S-LB# low Output enable time after S-UB# low Output enable time after S-OE low Data valid time after address SRAM Units Max 85 85 85 85 85 45 30 30 30 30 30 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Min 85 ta(A) ta(CE1) ta(CE2) ta(LB) ta(UB) ta(OE) tdis(CE1) tdis(CE2) tdis(LB) tdis(UB) tdis(OE) ten(CE1) ten(CE2) tdis(LB) tdis(UB) ten(OE) tV(A) 10 10 10 10 5 10 (3) WRITE CYCLE Limits Symbol Parameter Write cycle time Write pulse width Address setup time Address setup time with respect to S-WE# Lower Byte control setup time Upper Byte control setup time Chip select 1 setup time Chip select 2 setup time Data setup time Data hold time Write recovery time Output disable time from S-WE# low Output disable time from S-OE# high Output enable time from S-WE# high Output enable time from S-OE# low SRAM Units Max ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns tCW tw(W) tsu(A) tsu(A-WH) tsu(LB) tsu(UB) tsu(CE1) tsu(CE2) tsu(D) th(D) trec(W) tdis(W) tdis(OE) ten(W) ten(OE) 26 Min 85 60 0 70 70 70 70 70 35 0 0 30 30 5 5 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) (4)TIMING DIAGRAMS Read cycle A0~16 tCR ta(A) ta(LB) or ta(UB) tv (A) S-LB#, S-UB# (Note3) tdis (LB) or tdis (UB) ta(CE1) (Note3) S-CE1# (Note3) tdis (CE1) ta(CE2) (Note3) S-CE2 (Note3) tdis (CE2) ta (OE) (Note3) S-OE# (Note3) S-WE# = "H" level ten (OE) ten (LB) ten (UB) ten (CE1) ten (CE2) tdis (OE) (Note3) DQ0~15 VALID DATA Write cycle (S-WE# control mode) A0~16 tCW tsu (LB) or tsu(UB) S-LB#, S-UB# (Note3) (Note3) S-CE1# (Note3) tsu (CE1) (Note3) S-CE2 (Note3) tsu (CE2) (Note3) S-OE# tsu (A) S-WE# tdis(OE) DQ0~15 tsu (A-WH) tw (W) tdis (W) trec (W) ten(OE) ten (W) DATA IN STABLE tsu (D) 27 th (D) Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) Write cycle (S-LB#,S-UB# control mode) tCW A0~16 tsu (A) S-LB#, S-UB# S-CE1# (Note3) (Note3) tsu (LB) or tsu(UB) trec (W) S-CE2 (Note3) (Note5) (Note4) (Note3) (Note3) (Note3) S-WE# tsu (D) DQ0~15 DATA IN STABLE th (D) Note 3: Hatching indicates the state is "don't care". Note 4: A Write occurs during S-CE1# low, S-CE2 high overlaps S-LB# and/or S-UB# low and W low. Note 5: When the falling edge of S-WE# is simultaneously or prior to the falling edge of S-LB# and/or S-UB# or the falling edge of S-CE1# or rising edge of S-CE2, the outputs are maintained in the high impedance state. Note 6: Don't apply inverted phase signal externally when DQ pin is in output mode. 28 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) Write cycle (S-CE1# control mode) tCW A0~16 S-LB#, S-UB# (Note3) tsu (A) tsu (CE1) trec (W) (Note3) S-CE1# S-CE2 (Note3) (Note5) (Note3) S-WE# (Note3) (Note4) tsu (D) DATA IN STABLE th (D) (Note3) DQ0~15 Write cycle (S-CE2 control mode) tCW A0~16 S-LB#, S-UB# (Note3) tsu (A) tsu (CE2) trec (W) (Note3) S-CE1# S-CE2 (Note3) (Note5) (Note3) S-WE# (Note3) (Note4) tsu (D) DATA IN STABLE th (D) (Note3) DQ0~15 29 Apr 1999 , Rev.1.6 MITSUBISHI LSIs M6MGB/T166S2BWG 16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & 2,097,152-BIT (131,072-WORD BY 16-BIT) CMOS SRAM Stacked-CSP (Chip Scale Package) POWER DOWN CHARACTERISTICS (1) ELECTRICAL CHARACTERISTICS Symbol Parameter Test conditions Min Limits Typ Max Units V V V S-Vcc (PD) Power down supply voltage VI (S-BC) Byte control input S-LB#,S-UB# 2.0 2.0 2.0 0.2 +70 ~ +85C VI (S-CE1#) Chip select input S-CE1# VI (S-CE2) Chip select input S-CE2 V - 1 0.3 24 8 3 1 A A A A Icc (PD) Power down supply current S-Vcc=3.0V S-CE2 < 0.2V = other inputs=0~3V +40 ~ +70C -W +25 ~ +40C - 20 ~ +25 C Typical value is for Ta=25C (2) TIMING REQUIREMINTS Symbol Limits Parameter Power down set up time Power down recovery time Test conditions Min Typ Max Units ns ms tsu (PD) trec (PD) 0 5 (3) TIMING DIAGRAM S-LB#,S-UB# control mode S-Vcc tsu (PD) S-LB#, S-UB# 2.2V S-LB#,S-UB# > (S-Vcc) - 0.2V = 2.7V 2.7V trec (PD) 2.2V S-CE1# control mode S-Vcc tsu (PD) S-CE1# 2.2V S-CE1# > (S-Vcc) - 0.2V = S-CE2 control mode S-Vcc 2.7V 2.7V 2.7V 2.7V trec (PD) 2.2V S-CE2 0.2V tsu (PD) S-CE2 < 0.2V = trec (PD) 0.2V 30 Apr 1999 , Rev.1.6 |
Price & Availability of M6MGB |